PART |
Description |
Maker |
H8SX1653 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
H8SX1657 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
R5S61651C R5S61651CFPV |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
H8SX1650 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
KLNR8 KLNR5 KLNR6 KLNR4 KLNR70 KLNR50 KLNR90 KLNR6 |
Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V, 5MHz/2.2 to 5.5V; Operating Ambient Temperature Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 32K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 24K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K 2K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K 2K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction General Purpose Fuses
|
Littelfuse, Inc.
|
M34502M2-XXXFP M34502M4-XXXFP M34502E4FP |
4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
|
Renesas Electronics Corporation
|
M38043F0FP M38043F0HFP M38043F0HHP M38043F0HKP M38 |
8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
|
Renesas Electronics Corporation
|
M38043F8FP M38043F8HP M38043F8KP M38043F8SP M38047 |
8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
|
Renesas Electronics Corporation
|
H8SX1520 H8SX1525 H8SX1527 |
32-Bit CISC Microcomputer H8SX Family H8SX/1500 Series
|
Renesas Electronics Corporation
|
R5F61525R R5F61527R |
32-Bit CISC Microcomputer H8SX Family H8SX/1500 Series
|
Renesas Electronics Corporation
|
HD64N3687G H83687H HD64F3687FPV |
16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP64 Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
|
Renesas Electronics Corporation. ETC
|